PART |
Description |
Maker |
PE42552 |
SPDT UltraCMOS RF Switch DC - 7500 MHz
|
Peregrine Semiconductor
|
PIP208 PIP8.4H2 PHP8.4H2 PIP208H1 PHP8.4H1 PIP8.4H |
15000 W, UNIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, PIP, 2 PIN 7500 W, UNIDIRECTIONAL, SILICON, TVS DIODE PLASTIC, PIP, 2 PIN 7500 W, UNIDIRECTIONAL, SILICON, TVS DIODE HERMETIC SEALED, GLASS, PHP, 2 PIN
|
ProTek Devices Microsemi, Corp.
|
PM-248BIY |
QUAD OP-AMP, 7500 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, CDIP14
|
Analog Devices, Inc.
|
TCD1703C |
CCD LINEAR IMAGE SENSOR The TCD1703C is a high sensitive and low dark current 7500 elements
|
TOSHIBA
|
PM-248BIY |
QUAD OP-AMP, 7500 uV OFFSET-MAX, 0.8 MHz BAND WIDTH, CDIP14 HERMETIC SEALED, CERAMIC, DIP-14
|
Analog Devices, Inc.
|
PIP206 PIP24 PIP250 PIP120 PIP8.4 PHP120 PHP24 PHP |
7500 W, UNIDIRECTIONAL, SILICON, TVS DIODE Transient Voltage Suppressor, Unidirectional
|
SENSITRON SEMICONDUCTOR SENSITRON[Sensitron] http://
|
ALS80A752NF350 |
Aluminum Electrolytic, 105C, ALS80, 7500 uF, 20%, 350 V, -40/ 105C
|
Kemet Corporation
|
UDC-10 UDC-15 UDE-2.5 UDE-5 UDA10 UDF-5 UDA-10 UDA |
FIRE LIGHTER CIRCUIT - (ASD) LIGHT IGNITION CIRCUIT HIGH VOLTAGE DOORBELL MODULES, STANDARD AND FAST RECOVERY 0.9 A, 7500 V, SILICON, SIGNAL DIODE RECTIFIERS ASSEMBLIES 1.5 A, 5000 V, SILICON, RECTIFIER DIODE 0.8A SCRS 高压整流
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp. Maxim Integrated Products, Inc.
|
LT6203IDDTRPBF LT6204IGNTRPBF LT6203IMS8TRPBF LT62 |
Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 7500 uV OFFSET-MAX, 90 MHz BAND WIDTH, PDSO8 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 7500 uV OFFSET-MAX, 90 MHz BAND WIDTH, PDSO16 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C DUAL OP-AMP, 7500 uV OFFSET-MAX, 90 MHz BAND WIDTH, PDSO8 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C QUAD OP-AMP, 6800 uV OFFSET-MAX, 95 MHz BAND WIDTH, PDSO16 Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 85°C OP-AMP, 7700 uV OFFSET-MAX, 90 MHz BAND WIDTH, PDSO5
|
Linear Technology, Corp.
|
PIP208 PHP8.4H2 PHP8.4H1 PHP8.4H3 PHP500 PHP500H1 |
15000 W, BIDIRECTIONAL, SILICON, TVS DIODE 7500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
Toshiba, Corp. Vishay Beyschlag ProTek Devices
|
|